Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9058E Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 23Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 24Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 25Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 26Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 27Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 28Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 29Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 30Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
27/76
RAM
DATA
VSS
V5
COM1
V2
V1
VSS
V4
SEGn
V3
V1
VSS
V5
COM0
V2
V1
48
1
2
3
4
5
6
44 45 46 47 48 49 1
2
3
4
5
6
LCDCK
(display clock)
FR
49
Fig. 5(b) Waveforms in the line reversal drive method
When the ML9058E is used in a multiple chip configuration, it is necessary to supply the slave side display timing
signals (FR, CL, and DOF) from the master side. However, when the line reversal drive is set, the ML9058E is not
used in a multiple chip configuration.
The statuses of the signals FR, CL, and DOF are shown in Table 6.
Table 6 Display timing signals in master mode and slave mode
Operating mode
FR
CL
DOF
Internal oscillator circuit enabled (CLS = H)
Output
Output
Output
Master mode (M/S = “H”)
Internal oscillator circuit disabled (CLS = L)
Output
Input
Output
Internal oscillator circuit disabled (CLS = H)
Input
Input
Input
Slave mode (M/S = “L”)
Internal oscillator circuit disabled (CLS = L)
Input
Input
Input
Note: During master mode, the oscillator circuit operates from the time the power is applied. The
oscillator circuit can be stopped only in the sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com