Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9058E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
6/76
*8:
VIN = 4.5 V, voltage multiplier capacitor C1 = 2.6 to 4.0 F, voltage multiplier output load current
I = 500
A. Only a voltage multiplier circuit operates, not activating the voltage adjustment circuit
and V/F circuit, by command “2C”.
*9:
V1 load current I = 400
A. 8 V is externally input to VOUT.
The voltage adjustment circuit and V/F circuit operate by command “2B”. LCD output = no load
*10: See Table 1 for the relationship between the oscillator frequency and the frame frequency.
Table 1. Relationship among the oscillator frequency (fOSC), external input frequency(fEXT)
display clock frequency (fLCDCK), and LCD frame frequency (fFR)
Parameter
Display clock frequency
(fLCDCK)
LCD frame frequency
(fFR)
When the internal oscillator is used
fOSC/4
fOSC/(4  65)
ML9058E
When the internal oscillator is not used
fEXT/4
fEXT/(4 65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com