Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9058E Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 36Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 37Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 38Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 39Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 40Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 41Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 42Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 43Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
40/76
LIST OF OPERATION
DBn
No
Operation
7 6 5 4 3 2 1 0
A0
RD
WR
Comment
Display OFF
1 0 1 0 1 1 1 0
0
1
0
1
Display ON
1 0 1 0 1 1 1 1
0
1
0
LCD Display:
OFF when DB0 = 0 ON when DB0 = 1
2
Display start line set
0 1 Address
0
1
0
The display starting line address in the
display RAM is set.
3
Page address set
1 0 1 1 Address
0
1
0
The page address in the display RAM is
set.
Column address set
(upper bits)
0 0 0 1 Address
(upper)
0
1
0
The upper 4 bits of the column address in
the display RAM is set.
4
Column address set
(lower bits)
0 0 0 0 Address
(lower)
0
1
0
The lower 4 bits of the column address in
the display RAM is set.
5
Status read
Status * * * *
0
0
1
The status information is read out from the
upper 4 bits.
6
Display data write
Write data
1
1
0
Writes data to the display data RAM.
7
Display data read
Read data
1
0
1
Reads data from the display data RAM.
Forward
1 0 1 0 0 0 0 0
0
1
0
8
ADC select
Reverse 1 0 1 0 0 0 0 1
0
1
0
Correspondence to the segment output for
the display data RAM address
Forward when DB0 = 0
Reverse when DB0 = 1
Forward
1 0 1 0 0 1 1 0
0
1
0
9
Display
Reverse 1 0 1 0 0 1 1 1
0
1
0
Forward or reverse LCD display mode
Forward when DB0 = 0
Reverse when DB0 = 1
OFF(Normal
display)
1 0 1 0 0 1 0 0
0
1
0
10
LCD
All-on display
ON
1 0 1 0 0 1 0 1
0
1
0
LCD
Normal display when DB0 = 0
All-on display when DB0 = 1
1 0 1 0 0 0 1 0
0
1
0
11
LCD bias set
1 0 1 0 0 0 1 1
0
1
0
Sets the LCD drive voltage bias ratio.
1/9 when DB0 = 0 and 1/7 when DB0 = 1
12
Read-modify-write
1 1 1 0 0 0 0 0
0
1
0
Incrementing column address
During a write: +1
During a read: 0
13
End
1 1 1 0 1 1 1 0
0
1
0
Releases the read-modify-write state.
14
Reset
1 1 1 0 0 0 1 0
0
1
0
Internal reset
1 1 0 0 0 * * *
0
1
0
15
Common output
state select
1 1 0 0 1 * * *
0
1
0
Selects the common output scanning
direction.
Forward when DB3 = 0
Reverse when DB3 = 1
16
Power control set
0 0 1 0 1
Operating state
0
1
0
Selects the operating state of the internal
power supply. Set the lower 3 bits.
17
Voltage V1
adjustment internal
resistance ratio set
0 0 1 0 0
Resistance
ratio setting
0
1
0
Selects the internal resistor ratio.
Set the lower 3 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com