Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9058E Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 31Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 32Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 33Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 34Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 35Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 36Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 37Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 38Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
35/76
(c) When external resistors are used (voltage V1 adjustment internal resistors are not used) and a variable resistor
is also used
It is possible to set the LCD drive power supply voltage V1 using fine adjustment of Ra' and Rb' by adding a
variable resistor to the case of using external resistors in the above case. Even in this case, it is possible to control
the LCD power supply voltage V1 and adjust the intensity of LCD display using commands if the electronic
potentiometer function is used.
The voltage V1 can be obtained by the following equation C-1 in the range of V1<VOUT by setting the external
resistors R1, R2 (variable resistor), and R3 appropriately and making fine adjustment of R2 (R2).
V1 = (1 + (R3 + R2 – R2)/(R1 + R2))  VEV
= (1 + (R3 + R2 – R2)/(R1 + R2))  (1 – (/324))  VREG (Eqn. C-1)
Fig. 11 V1 voltage adjustment circuit (equivalent circuit)
Setting example: Setting V1 in the range 5 V to 9 V using R2 at Tj = 25°C .
When the electronic potentiometer register value is set to (DB5, DB4, DB3, DB2, DB1, DB0) = (1, 0, 0, 0, 0, 0),
the value of
 will be 31 and that of VREG will be 3.0 V, and hence in order to make V1 = 9 V when R2 = 0, the
equation C-1 becomes as follows:
9 = (1 + (R3 + R2)/R1)  (1 – (31/324))  (3.0) (Eqn. C-2)
In order to make V1 = 5 V when
R2 = R2,
5 = (1 + R3/(R1+R2))  (1 – (31/324))  (3.0) (Eqn. C-3)
Further, if the current flowing between VSS and V1 is set as 5 µA, the value of R1 + R2 + R3 becomes-
R1 + R2 + R3 = 1.8 M (Eqn. C-4)
and hence,
R1 = 542 k, R2 = 436 k, R3 = 822 k.
In this case, the variability range of voltage V1 using the electronic potentiometer function and the increment size
will be as given in Table 13.
Table 14 Example 2 of V1 variable-voltage range using electronic potentiometer function and
variable resistor
V1
Min
Typ
Max
Unit
Variable-voltage range
4.45 (
 = 63)
7.0 (
 = 31)
9.96 (
 = 0)
[V]
VEV (Constant voltage supply +
electronic potentiometer)
+
–
Rb'
Ra'
External R3
 R2
VR
VSS
V1
External R2
External R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com