Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 4Page - STMicroelectronics L7986TR Datasheet HTML 5Page - STMicroelectronics L7986TR Datasheet HTML 6Page - STMicroelectronics L7986TR Datasheet HTML 7Page - STMicroelectronics L7986TR Datasheet HTML 8Page - STMicroelectronics L7986TR Datasheet HTML 9Page - STMicroelectronics L7986TR Datasheet HTML 10Page - STMicroelectronics L7986TR Datasheet HTML 11Page - STMicroelectronics L7986TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Functional description
L7986
8/43
DocID022450 Rev 6
5
Functional description
The L7986 device is based on a “voltage mode”, constant frequency control. The output
voltage VOUT is sensed by the feedback pin (FB) compared to an internal reference (0.6 V)
providing an error signal that, compared to a fixed frequency sawtooth, controls the on- and
off-time of the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
A fully integrated oscillator that provides sawtooth to modulate the duty cycle and the
synchronization signal. Its switching frequency can be adjusted by an external resistor.
The voltage and frequency feed-forward are implemented.
The soft-start circuitry to limit inrush current during the startup phase.
The voltage mode error amplifier.
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch.
The high-side driver for embedded P-channel power MOSFET switch.
The peak current limit sensing block, to handle overload and short-circuit conditions.
A voltage regulator and internal reference. To supply the internal circuitry and provide
a fixed internal reference.
A voltage monitor circuitry (UVLO) that checks the input and internal voltages.
A thermal shutdown block, to prevent thermal runaway.
Figure 3. Block diagram
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
0.6V
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
UVLO
0.6V
REGULATOR
&
BANDGAP
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com