Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 20Page - STMicroelectronics L7986TR Datasheet HTML 21Page - STMicroelectronics L7986TR Datasheet HTML 22Page - STMicroelectronics L7986TR Datasheet HTML 23Page - STMicroelectronics L7986TR Datasheet HTML 24Page - STMicroelectronics L7986TR Datasheet HTML 25Page - STMicroelectronics L7986TR Datasheet HTML 26Page - STMicroelectronics L7986TR Datasheet HTML 27Page - STMicroelectronics L7986TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Application information
L7986
24/43
DocID022450 Rev 6
6.4.2
Type II compensation network
If the equivalent series resistance (ESR) of the output capacitor introduces a zero with
a frequency lower than the desired bandwidth (that is: 2
ESR COUT > 1 / BW), this zero
helps stabilize the loop. Electrolytic capacitors show non-negligible ESR (> 30 m
), so with
this kind of output capacitor the type II network combined with the zero of the ESR allows to
stabilize the loop.
In Figure 13 the type II network is shown.
Figure 13. Type II compensation network
The singularities of the network are:
Equation 28
fZ1
1
2
 R
4 C4

------------------------------
=
fP0 0
=
fP1
1
2
 R
4
C4 C5
C4 C5
+
--------------------

--------------------------------------------
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com