Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 35Page - STMicroelectronics L7986TR Datasheet HTML 36Page - STMicroelectronics L7986TR Datasheet HTML 37Page - STMicroelectronics L7986TR Datasheet HTML 38Page - STMicroelectronics L7986TR Datasheet HTML 39Page - STMicroelectronics L7986TR Datasheet HTML 40Page - STMicroelectronics L7986TR Datasheet HTML 41Page - STMicroelectronics L7986TR Datasheet HTML 42Page - STMicroelectronics L7986TR Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Revision history
L7986
42/43
DocID022450 Rev 6
10
Revision history
Table 13. Document revision history
Date
Revision
Changes
07-Nov-2011
1
Initial release.
01-Mar-2012
2
Section 8: Package information has been updated.
15-Oct-2012
3
In Section 5.6 changed temperature value from 130 to 120
°C.
19-Mar-2014
4
Updated text below Equation 4 on page 13 and in Equation 5 on
page 13 (replaced “DRC” by “DCR”).
Updated Figure 34: Positive buck-boost regulator on page 34
(replaced by new figure).
Updated Section 8: Package information on page 38 (reversed order
of Figure 38 and Table 10, and Figure 39 and Table 11, minor
modifications).
Updated cross-references throughout document.
Minor modifications throughout document.
05-May-2014
5
Updated Table 12: Order codes on page 41 (removed the L7986
order code related to the VFQFPN10 in tube, added the L7986ATR
order code).
05-Sep-2014
6
Updated Figure 1: Application circuit on page 1 (replaced by new
figure).
Updated Section 5.1 on page 9 (added “typically” between
“frequency” and “works”, added “The SYNCH circuitry is also able to
synchronize with a slightly lower external frequency, so the
frequency pre-adjustment with the same resistor on the FSW pin, as
described below, is suggested for a proper operation.”).
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com