Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 32Page - STMicroelectronics L7986TR Datasheet HTML 33Page - STMicroelectronics L7986TR Datasheet HTML 34Page - STMicroelectronics L7986TR Datasheet HTML 35Page - STMicroelectronics L7986TR Datasheet HTML 36Page - STMicroelectronics L7986TR Datasheet HTML 37Page - STMicroelectronics L7986TR Datasheet HTML 38Page - STMicroelectronics L7986TR Datasheet HTML 39Page - STMicroelectronics L7986TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Application ideas
L7986
36/43
DocID022450 Rev 6
Equation 41
where VD is the voltage drop across the diodes, VSW and VSWE across the internal and
external power MOSFET.
7.2
Inverting buck-boost
The L7986 can implement the step-up/down converter with a negative output voltage.
Figure 34. shows the schematic to regulate -5 V: no further external components are added
to the standard buck topology.
The relationship between input and output voltage is:
Equation 42
so the duty cycle is:
Equation 43
As in the positive one, in the inverting buck-boost the current flowing through the power
MOSFET is transferred to the load only during the off-time. So according to the maximum
DC switch current (3.0 A), the maximum output current can be calculated from Equation 39,
where the duty cycle is given by Equation 43.
Figure 36. Inverting buck-boost regulator
The GND pin of the device is connected to the output voltage so, given the output voltage,
the input voltage range is limited by the maximum voltage the device can withstand across
VCC and GND (38 V). Therefore, if the output is -5 V the input voltage can range from 4.5 V
to 33 V.
D
VOUT 2VD
+
VIN VSW VSWE VOUT 2V
D
++
–
–
--------------------------------------------------------------------------------------------
=
VOUT
VIN
–
D
1D
–
-------------
=
D
VOUT
VOUT VIN
–
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com