Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 8Page - STMicroelectronics L7986TR Datasheet HTML 9Page - STMicroelectronics L7986TR Datasheet HTML 10Page - STMicroelectronics L7986TR Datasheet HTML 11Page - STMicroelectronics L7986TR Datasheet HTML 12Page - STMicroelectronics L7986TR Datasheet HTML 13Page - STMicroelectronics L7986TR Datasheet HTML 14Page - STMicroelectronics L7986TR Datasheet HTML 15Page - STMicroelectronics L7986TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Functional description
L7986
12/43
DocID022450 Rev 6
5.3
Error amplifier and compensation
The error amplifier (E/A) provides the error signal to be compared with the sawtooth to
perform the pulse width modulation. Its non inverting input is internally connected to a 0.6 V
voltage reference, while its inverting input (FB) and output (COMP) are externally available
for feedback and frequency compensation. In this device the error amplifier is a voltage
mode operational amplifier, therefore, with high DC gain and low output impedance.
The uncompensated error amplifier characteristics are the following:
In continuous conduction mode (CCM), the transfer function of the power section has two
poles due to the LC filter and one zero due to the ESR of the output capacitor. Different
kinds of compensation networks can be used depending on the ESR value of the output
capacitor. If the zero introduced by the output capacitor helps to compensate the double
pole of the LC filter, a type II compensation network can be used. Otherwise, a type III
compensation network must be used (see Section 6.4 on page 18 for details of the
compensation network selection).
Anyway, the methodology to compensate the loop is to introduce zeroes to obtain a safe
phase margin.
5.4
Overcurrent protection
The L7986 device implements overcurrent protection by sensing current flowing through the
power MOSFET. Due to the noise created by the switching activity of the power MOSFET,
the current sensing is disabled during the initial phase of the conduction time. This avoids
an erroneous detection of a fault condition. This interval is generally known as “masking
time” or “blanking time”. The masking time is about 200 ns.
If the overcurrent limit is reached, the power MOSFET is turned off implementing pulse by
pulse overcurrent protection. In the overcurrent condition, the device can skip turn-on pulses
in order to keep the output current constant and equal to the current limit. If, at the end of the
“masking time”, the current is higher than the overcurrent threshold, the power MOSFET is
turned off and one pulse is skipped. If, at the following switching on, when the “masking
time” ends, the current is still higher than the overcurrent threshold, the device skips two
pulses. This mechanism is repeated and the device can skip up to seven pulses. While, if at
the end of the “masking time”, the current is lower than the overcurrent threshold, the
number of skipped cycles is decreased by one unit (see Figure 8).
So, the overcurrent/short-circuit protection acts by switching off the power MOSFET and
reducing the switching frequency down to one eighth of the default switching frequency, in
order to keep constant the output current around the current limit.
Table 5. Uncompensated error amplifier characteristics
Parameter
Value
Low frequency gain
100 dB
GBWP
4.5 MHz
Slew rate
7 V/
s
Output voltage swing
0 to 3.3 V
Maximum source/sink current
17 mA/25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com