Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 15Page - STMicroelectronics L7986TR Datasheet HTML 16Page - STMicroelectronics L7986TR Datasheet HTML 17Page - STMicroelectronics L7986TR Datasheet HTML 18Page - STMicroelectronics L7986TR Datasheet HTML 19Page - STMicroelectronics L7986TR Datasheet HTML 20Page - STMicroelectronics L7986TR Datasheet HTML 21Page - STMicroelectronics L7986TR Datasheet HTML 22Page - STMicroelectronics L7986TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
DocID022450 Rev 6
19/43
L7986
Application information
43
In this way the PWM modulator gain results constant and equal to:
Equation 18
The synchronization of the device with an external clock provided through the SYNCH pin
can modify the PWM modulator gain (see Section 5.1 on page 9 to understand how this gain
changes and how to keep it constant in spite of the external synchronization).
Figure 9. The error amplifier, the PWM modulator, and the LC output filter
The transfer function on the LC filter is given by:
Equation 19
where:
Equation 20
Equation 21
GPW0
VIN
Vs
---------
1
K
----
18
==
=
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC
GLC s

1
s
2
 f
zESR
--------------------------
+
1
s
2
 Qf
LC
----------------------------
s
2
 f
LC
-------------------

 2
++
-------------------------------------------------------------------------
=
fLC
1
2
LCOUT
1
ESR
ROUT
---------------
+

------------------------------------------------------------------------
=
fzESR
1
2
 ESR C
OUT

--------------------------------------------
=
Q
ROUT LCOUT ROUT ESR
+


LCOUT ROUT ESR

+
------------------------------------------------------------------------------------------
ROUT
VOUT
IOUT
--------------
=
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com