Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 11Page - STMicroelectronics L7986TR Datasheet HTML 12Page - STMicroelectronics L7986TR Datasheet HTML 13Page - STMicroelectronics L7986TR Datasheet HTML 14Page - STMicroelectronics L7986TR Datasheet HTML 15Page - STMicroelectronics L7986TR Datasheet HTML 16Page - STMicroelectronics L7986TR Datasheet HTML 17Page - STMicroelectronics L7986TR Datasheet HTML 18Page - STMicroelectronics L7986TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
DocID022450 Rev 6
15/43
L7986
Application information
43
6
Application information
6.1
Input capacitor selection
The capacitor connected to the input must be capable of supporting the maximum input
operating voltage and the maximum RMS input current required by the device. The input
capacitor is subject to a pulsed current, the RMS value of which is dissipated over its ESR,
affecting the overall system efficiency.
So, the input capacitor must have an RMS current rating higher than the maximum RMS
input current and an ESR value compliant with the expected efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 6
where IO is the maximum DC output current, D is the duty cycle, is the efficiency.
Considering
, this function has a maximum at D = 0.5 and it is equal to IO/2.
In a specific application, the range of possible duty cycles must be considered in order to
find out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 7
and
Equation 8
where VF is the forward voltage on the freewheeling diode and VSW is the voltage drop
across the internal PDMOS.
The peak-to-peak voltage across the input capacitor can be calculated as:
Equation 9
where ESR is the equivalent series resistance of the capacitor.
Given the physical dimension, ceramic capacitors can well meet the requirements of the
input filter sustaining a higher input RMS current than electrolytic/tantalum types.
IRMS
IO
D
2D
2
---------------
–
D
2
2
-------
+
=
DMAX
VOUT VF
+
VINMIN VSW
–
-------------------------------------
=
DMIN
VOUT VF
+
VINMAX VSW
–
--------------------------------------
=
VPP
IO
CIN FSW
-------------------------
1
D
----
–

 D D
----
1D
–

+
ESR IO
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com