Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7986TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L7986TR
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L7986TR Datasheet HTML 30Page - STMicroelectronics L7986TR Datasheet HTML 31Page - STMicroelectronics L7986TR Datasheet HTML 32Page - STMicroelectronics L7986TR Datasheet HTML 33Page - STMicroelectronics L7986TR Datasheet HTML 34Page - STMicroelectronics L7986TR Datasheet HTML 35Page - STMicroelectronics L7986TR Datasheet HTML 36Page - STMicroelectronics L7986TR Datasheet HTML 37Page - STMicroelectronics L7986TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Application ideas
L7986
34/43
DocID022450 Rev 6
7
Application ideas
7.1
Positive buck-boost
The L7986 device can implement the step-up/down converter with a positive output voltage.
Figure 34 shows the schematic: one power MOSFET and one Schottky diode are added to
the standard buck topology to provide 12 V output voltage with input voltage from 4.5 V to
38 V.
Figure 34. Positive buck-boost regulator
The relationship between input and output voltage is:
Equation 37
so the duty cycle is:
Equation 38
The output voltage isn’t limited by the maximum operating voltage of the device (38 V),
because the output voltage is sensed only through the resistor divider. The external power
MOSFET maximum drain to the source voltage, must be higher than the output voltage; the
maximum gate to source voltage must be higher than the input voltage (in Figure 34, if VIN is
higher than 16 V, the gate must be protected through the Zener diode and resistor).
The current flowing through the internal power MOSFET is transferred to the load only
during the off-time, so according to the maximum DC switch current (3.0 A), the maximum
output current for the buck-boost topology can be calculated from Equation 39.
VOUT
VIN
D
1D
–
-------------
=
D
VOUT
VOUT VIN
+
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com