Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VCC
Conditions
VCC
Operating Voltage
¾
VCC1=VCC3
¾
3.6
¾
V
ICC1
Current 1 Consumption
3.6V All on
¾
13.5
¾
mA
ICC2
Current 2 Consumption
3.6V RX-RF ON
¾
8.5
¾
mA
ICC3
Current 3 Consumption
3.6V RX-AF ON
¾
3.5
¾
mA
ICC4
Current 4 Consumption
3.6V TX-RF ON
¾
2.1
¾
mA
ICC5
Current 5 Consumption
3.6V TX-AF ON
¾
1.7
¾
mA
ICC(A)
Current Alarm Supply
3.6V RL= 100kW¾
100
¾mA
ICC(BS)
Supply Current in Battery
Saving Mode
3.6V All off
¾
0
¾mA
IREF
VREF Voltage
3.6V
¾¾
1.5
¾
V
VIH
Data Input Threshold
3.6V
¾¾
VCC3
¾
V
VIL
Data Input Threshold
3.6V
¾¾
0
¾
V
IIH
Data Input Current
3.6V VIH=VCC
¾
0
¾mA
IIL
Data Input Current
3.6V VIL= GND
¾
0
¾mA
fCK
CK Input Frequency
3.6V
¾¾
38
1000
kHz
Regulator
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
VREG
Output Voltage
3.6V IOUT= 1mA
1.7
2
2.3
V
IOUT (MIN) Minimum Load Current
3.6V VOUT=VREG
(Open)-0.05V
¾
3
¾
mA
Detector
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VCC Conditions
VBAT-L
Detection Voltage 1
3.6V
¾¾
3.3
¾
V
VBAT-H
Detection Voltage 1
3.6V
¾¾
3.37
¾
V
VBAT-L
Detection Voltage 2
3.6V
¾¾
3.15
¾
V
VBAT-H
Detection Voltage 2
3.6V
¾¾
3.2
¾
V
HT9015
6
April 10, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com