Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
RX-VCO IF + MIX section
fIN (MIX 1)=46.61MHz, fIN (IF)=455kHz, Df=3kHz fm= 1kHz, dBmV=dBmV EMF (Open), Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
KV
Conversion Gain
3.6V
¾¾
1
¾
MHz/V
VVCO
RX VCO Oscillation Level 3.6V fVCO= 25~55MHz
¾
110
¾
dBmV
1st and 2nd Mixer, IF AMP
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
12dB
SINAD
12dB SINAD Sensitivity 3.6V Input 50W¾
20
¾
dBmV
fMIX1
Mixer Operating
Frequency
3.6V 1STMIXER
¾
46.61
¾
MHz
fMIX2
Mixer Operating
Frequency
3.6V 2NDMIXER
¾
10.7
¾
MHz
GVC
Conversion Gain
3.6V Excluding Filter Loss
¾
26
¾
dB
GIF
IF AMP Gain
3.6V
¾¾
75
¾
dB
VOD
Demodulated Output
3.6V VIN (MIX 1)= 70dBmV
¾
220
¾
mVrms
S/N
S/N Ratio
3.6V VIN (MIX 1)= 70dBmV
¾
55
¾
dB
AMR
AM Rejection Ratio
3.6V VIN (MIX 1)= 70dBmV
¾
40
¾
dB
RIN1
Input Impedance
3.6V 1st MIX IN
¾
2.1
¾
kW
CIN1
Input Impedance
3.6V 1st MIX IN
¾
3.5
¾
pF
RIN2
Input Impedance
3.6V 2nd MIX IN
¾
5.8
¾
kW
CIN12
Input Impedance
3.6V 2nd MIX IN
¾
2.5
¾
pF
RIN
Input Resistance
3.6V IF IN
¾
1.5
¾
kW
RO1
Output Resistance
3.6V 1st MIX OUT
¾
330
¾W
RO2
Output Resistance
3.6V 2nd MIX OUT
¾
1.5
¾
kW
VRSSI1
RSSI Output Voltage
3.6V VIN (MIX 1)= 20dBmV
¾
1
¾
V
VRSSI2
RSSI Output Voltage
3.6V VIN (MIX 1)= 60dBmV
¾
2.4
¾
V
HT9015
8
April 10, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com