Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
HT9015
12
April 10, 2000
Preliminary
¨ Battery saving control
0 ¼¼¼¼Operation
1 ¼¼¼¼Battery saving
Bit
Control Block
TX-RF
TX-PLL
TX-RF= 1 and
RX-RF= 1
LOCAL OSC= OFF
TX-AF
MIC AMP, Compressor, Splatter
RX-RF
RX-VCO, RX-PLL, 1st MIX, 2nd MIX IF AMP, NOISE DET,
DATA COMP, RSSI
RX-AF
Pre AMP, Expander, Receiver AMP
¨ MUTE control
0 ¼¼¼¼normal
1 ¼¼¼¼MUTE
MUTE for Compressor output.
These bits prevent the compander block going into a battery saving mode. Current consumption
therefore does not decrease.
¨ Charge pump current control
PLL loop performance such as lock-up time can be changed by these control bits.
Bit
Control Output
0
1
TX CP
TX-PLL Charge Pump Output Current
200mA
400mA
RX CP
RX-PLL Charge Pump Output Current
200mA
400mA
¨ BATTERY ALARM detection setting
There are has four threshold levels for low battery detection.
These threshold levels are shown on the table below.
(1)BC
BA1
BA2
VBAT-L
0
0
0
3.00V
0
0
1
3.25V
0
1
0
3.30V
0
1
1
3.45V
10
0
(2)Battery Saving
11
1
(1) BC bit in REF divider
(2) Only for BATTERY ALARM block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com