Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9015 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Pin No.
Pin Name
I/O
Description
32
AF_OUT
O FM demodulator output pin. Output signal frequency is within
the audio band.
33
QUAD
I
Normally provides a 455kHz carry frequency for the FM quadra-
ture detector.
34
IF_OUT
O IF amplifier output pin. Signal will later pass through external
90°C phase shifter for quadrature detector.
35
GND1
¾ Analog ground
36
DEC
¾ Normally connected to VCC1 through a capacitor.
37
IF_IN
I
IF amplifier input pin it is necessary to use the IF filter network
to get high quality IF signal.
38
VCC1
¾ Analog power supply
39
2NDMIX_OUT
O Second mixer IF signal output pin and down converter. IF fre-
quency is 455kHz.
40
N_REC
¾ Connect to ground through capacitor.
41
2NDMIX_IN
I
Second mixer RF signal input pin and down converter. Fre-
quency is 455kHz.
42
E_RECT
¾ Expander rectifier filter capacitor pin.
43
1STMIX_OUT
O First mixer IF signal output pin and down converter. IF fre-
quency is 10.7MHz.
44
VREF
O Reference voltage input for compander.
45
1STMIX_IN
I
The first mixer RF signal input. Carrier frequency from
20~60MHz.
46
VCC2
¾ Directly connects to the two voltage regulators inside.
47
VCO_CONT
I
Normally connected to ground through a capacitor.
48
VCO1
I
Connects LC network with VCO2 pin to provide the tank circuit
for the received voltage control oscillator.
Absolute Maximum Ratings
Supply Voltage...........................VSS-0.3V to 6V
Storage Temperature.................-55°Cto150°C
Input Voltage .................VSS-0.3V to VCC+0.3V
Operating Temperature ..............-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT9015
5
April 10, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com