Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
HT9015
17
April 10, 2000
Preliminary
· Noise detector
Figure 8 is a band pass filter which can detect
noise energy on N_REC pin. There is also a
pass through the noise comparator to deter-
mine two states on SIG_OUT pin by internal
control register setting. The high state ex-
presses noise level more than 0.4V and the
low state expresses noise level under 0.4V.
V DD
No i s e
Fi l t e r
R1
R2
R3
A udi o S i g nal
C2
C1
N _ F I L_I N
N _F I L_O U T
R4
R5
AM P
C3
B and- P a s s F i l t er
F O = 31k H z
H i gh- P a s s F i l t er
F C = 25k H z
N_ RE C
N o i s e C o m par a t or
No i s e De t .
I n t e r nal
C4
V OU T
Ex t e r n a l
Ex t e r n a l
Figure 8 Noise detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com