Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HT9015
14
April 10, 2000
Preliminary
· Example of divider setting
When the LOCAL OSC frequency is 10.240MHz, RX VCO has to oscillate at frequencies from
35.915MHz in 20kHz or 25kHz step.
¨ Reference frequency at the PHASE DETECTOR should be set to 5kHz.
¨ 10.240MHz ¸ 5kHz = 2048, \ R= 2048
¨ Calculate dividing number N for RX divider
¨ 35.915MHz ¸ 5kHz = 7183, \ N (CH16)= 7183
¨ 35.935MHz ¸ 5kHz = 7187, \ N (CH17)= 7187
¨ Finally you set the following registers.
· The power saving arrangement is one of the features in the HT9015.
This is achieved through an inside control register to arrange the power consumption of the three
major parts (RF. IF. PLL). There are two-pair DC power supplies for the HT9015, VCC1-GND1 and
VCC3-GND2. The DC power VCC1 provides operating voltage for the IF detector and the compander
analog parts.
The DC power VCC3 provides the operating voltage for the PLL and data latch control. It also has a
built in 2.0V regulator VCC2 for the RX front end. See the power supply arrangement as shown on
the table below.
VCC1
GND1 1st MIX, 2nd MIX, IF AMP, QUAD, NOISE DET. RX-VCO DATA COMP,
COMPANDER, RECEIVER AMP, SPLATTER.
VCC3
GND2 RX-PLL, TX-PLL, LOCAL OSC, DATA LATCH CONTROL
10
1
1
1
0
0
0
0
0
1
1
1
0
0
1
C ode
N
1s t
ST B
R X D i v i der f o r 718 3
10
1
0
0
0
0
0
1
1
0
0
1
C ode
1s t
ST B
R E F D i v i der f or R = 204 8
0
00
Te s t B C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com