Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9015 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
HT9015
RF Single Chip for Cordless Phone
1
April 10, 2000
Features
·
Operating voltage: 2.7V~6V
·
Extremely low power consumption current
-
ICC=0mA (typ.) in battery-saving mode
-
ICC= 8.5mA (typ.) in standby mode
-
ICC= 13.5mA (typ.) for communication
·
Built-in IF decoder, compander and PLL
·
IF decoder
-
1st/2nd Mixers, RX VCO
-
RSSI quadrature detector, IF AMP
-
Noise detector
·
Compander
-
Expander, Compressor, Limiter
-
Receive AMP, MIC AMP, PRE AMP
·
PLL
-
RX PLL, TX PLL
-
Local oscillator
-
Data latch control
-
Unlock detector
·
Four threshold variable battery alarms
General Description
The HT9015 is an RF single chip for cordless
phone systems. Internally these are three major
parts, a PLL, an IF decoder and a compander.
The PLL provides radio channel selection for
either the transmitter or receiver. Frequency
locking status of the selected channel can be
monitored by a control register.
The IF decoder provides two frequency down
converters that let high frequency signals pass
through a mixer and local oscillator to be low-
ered for frequency even base band signals. It
also provides an RSSI (receiver signal strength
indicator) function to detect the IF output sig-
nal strength and built-in noise detector for S/N
quality.
The compander provides better S/N ratio for
audio signal processing.
The HT9015 has a wide-range applications in
FM/FSK, Transmitting/Receiving of VHF
bandwidth including cordless phone, narrow
band voice and data transceiver systems.
The most significant advantage of the HT9015
is in the reduction of many external compo-
nents making it well suited for cordless phone
baseset, handset radio section.
Preliminary


Similar Part No. - HT9015

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
FM IF Detector
March 1, 2000
More results

Similar Description - HT9015

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF927A KEC-KF927A Datasheet
198Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF ISM CORDLESS PHONE)
KFX0327T KEC-KFX0327T Datasheet
612Kb / 5P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE ISM)
KFX0414T KEC-KFX0414T Datasheet
174Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CIS)
KFX1404T KEC-KFX1404T Datasheet
168Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CIS)
KFX1459T KEC-KFX1459T Datasheet
178Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
KFX2703T KEC-KFX2703T Datasheet
645Kb / 5P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE ISM)
KFX3186T KEC-KFX3186T Datasheet
178Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
KFX5914T KEC-KFX5914T Datasheet
174Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
KFX8631T KEC-KFX8631T Datasheet
176Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
logo
TOKO, Inc
TDF2A-836E-10A TOKO-TDF2A-836E-10A Datasheet
194Kb / 4P
TDF series for Mobile & Cordless Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com