Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9015 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
HT9015
16
April 10, 2000
Preliminary
· Limiting IF Amplifier, RSSI (Received Signal
Strength Indicator) and RSSI Comparator
The basic function of the IF amp is to boost
the IF signal and to help handle impulse
noise. The IF limiter applies very high gain to
the IF frequency such that the top and bottom
of the waveform are clipped. This helps in re-
ducing AM and noise intercepted upon recep-
tion. The limiting IF amplifier consists of four
differential amplifiers (Figure 6).
· Quadrature detector
Once the signal leaves the IF section, it must
be demodulated so that the baseband signal
can be separated from the IF signal. This is
accomplished by the quadrature detector. A
quadrature detector (Figure 7) uses a 90°
phase shifter (Ci), an L/C tuned circuit, and a
phase comparator to demodulate FM signals.
2nd I F
AM P1
AM P2
AM P3
AM P4
DE C
OF - I N
Q u a d ra t u re
De t e c t o r
S
(R S S I )
I n t e r nal
LC - T ank
IF - O U T
Figure 6 Limiting IF Amplifier, RSSI and RSSI comparator
V DD
IF _ A M P
B u ffe r
V i
I= I 1 +I 2 ¯
D i f f er ent i a l t o
S i n g l e - E nded C o n v er t e r
LP F
D e m o dul at i o n
S i g nal
f 0 = 47k H z
I L1 ¯
I L2 ¯
I 1 ¯
C i
LC
R
LC - T ank
V O ¯
I 2 ¯
Figure 7 Quadrature detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com