| Electronic Components Datasheet Search |
|
GMS81C2012 Datasheet(PDF) 75 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS81C2012 Datasheet(HTML) 75 Page - Hynix Semiconductor |
|
75 / 107 page ![]() HYUNDAI MicroElectronics GMS81C2012/GMS81C2020 MAR. 2000 Ver 1.00 75 16.3 Multi Interrupt If two requests of different priority levels are received si- multaneously, the request of higher priority level is ser- viced. If requests of the interrupt are received at the same time simultaneously, an internal polling sequence deter- mines by hardware which request is serviced. Figure 16-6 Execution of Multi Interrupt However, multiple processing through software for special features is possible. Generally when an interrupt is accept- ed, the I-flag is cleared to disable any further interrupt. But as user sets I-flag in interrupt routine, some further inter- rupt can be serviced even if certain interrupt is in progress. Example: During Timer1 interrupt is in progress, INT0 in- terrupt serviced without any suspend. TIMER1: PUSH A PUSH X PUSH Y LDM IENH,#80H ; Enable INT0 only LDM IENL,#0 ; Disable other EI ; Enable Interrupt : : : : : : LDM IENH,#0F0H ; Enable all interrupts LDM IENL,#0F0H POP Y POP X POP A RETI enable INT0 TIMER 1 service INT0 service Main Program service Occur TIMER1 interrupt Occur INT0 EI disable other enable INT0 enable other In this example, the INT0 interrupt can be serviced without any pending, even TIMER1 is in progress. Because of re-setting the interrupt enable registers IENH,IENL and master enable "EI" in the TIMER1 routine. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |