Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C2012 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 14Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 15Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 16Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 17Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 18Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 19Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 20Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 21Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
18
MAR. 2000 Ver 1.00
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Supply voltage ............................................. -0.3 to +7.0 V
Storage Temperature .................................... -40 to +85
°C
Voltage on Normal voltage pin
with respect to Ground (VSS)
..............................................................-0.3 to VDD+0.3 V
Voltage on High voltage pin
with respect to Ground (VSS)
............................................................ -45V to VDD+0.3 V
Maximum current out of VSS pin .......................... 150 mA
Maximum current into VDD pin .............................. 80 mA
Maximum current sunk by (IOL per I/O Pin) .......... 20 mA
Maximum output current sourced by (IOH per I/O Pin)
................................................................................... 8 mA
Maximum current (
ΣI
OL) ...................................... 100 mA
Maximum current (
ΣI
OH)........................................ 50 mA
Note: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of
the device at any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
7.2 Recommended Operating Conditions
7.3 A/D Converter Characteristics
(TA=25°C, VDD=5V, VSS=0V, AVDD=5.12V, AVSS=0V @fXIN =4MHz)
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXI = 4.5 MHz
2.7
5.5
V
Operating Frequency
fXIN
VDD = VDD
14.5
MHz
Operating Temperature
TOPR
-40
85
°C
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.1
1. Data in “Typ” column is at 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max.
Analog Power Supply Input Voltage Range
AVDD
AVSS
-
AVDD
V
Analog Input Voltage Range
VAN
AVSS-0.3
AVDD+0.3
V
Current Following
Between AVDD and AVSS
IAVDD
-
−200
uA
Overall Accuracy
CAIN
-
±1.5
±2
LSB
Non-Linearity Error
NNLE
-
±1.5
±2
LSB
Differential Non-Linearity Error
NDNLE
-
±0.5
±1LSB
Zero Offset Error
NZOE
-
±0.5
±1.5
LSB
Full Scale Error
NFSE
-
±0.5
±1LSB
Gain Error
NNLE
-
±0.5
±1LSB
Conversion Time
TCONV
fXIN=4MHz
--
20
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com