Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C2012 Datasheet(PDF) 87 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 87 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 83Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 84Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 85Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 86Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 87Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 88Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 89Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 90Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 91Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
87
20. POWER FAIL PROCESSOR
The GMS81C20xx has an on-chip power fail detection cir-
cuitry to immunize against power noise. A configuration
register, PFDR, can enable or disable the power fail detect
circuitry. Whenever VDD falls close to or below power fail
voltage for 100ns, the power fail situation may reset or
freeze MCU according to PFDM bit of PFDR. Refer to
“7.4 DC Electrical Characteristics for Standard Pins(5V)”
on page 19.
In the in-circuit emulator, power fail function is not imple-
mented and user can not experiment with it. Therefore, af-
ter final development of user program, this function may
be experimented or evaluated.
Note: User can select power fail voltage level according to
PFD0, PFD1 bit of CONFIG register(703FH) at the OTP
(GMS87C20xx) but must select the power fail voltage level
to define PFD option of “Mask Order & Verification Sheet”
at the mask chip(GMS81C20xx).
Because the power fail voltage level of mask chip
(GMS81C20xx) is determined according to mask option.
Note: If power fail voltage is selected to 3.0V on 3V oper-
ation, MCU is freezed at all the times.
Table 20-1 Power fail processor
.
Figure 20-1 Power Fail Voltage Detector Register
Power FailFunction
OTP
MASK
Enable/Disable
PFD flag
PFD flag
Level Selection
PFS0 bit
PFS1 bit
Mask option
PFDM
7
6543210
PFS
INITIAL VALUE: ---- -100B
ADDRESS: 0EFH
PFDR
R/W
R/W
R/W
PFDIS
Operation Mode
0 : Normal operation regardless of power fail
1 : MCU will be reset by power fail detection
Disable Flag
0: Power fail detection enable
1: Power fail detection disable
Power Fail Status
0: Normal operate
1: Set to “1” if power fail is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com