Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C2012 Datasheet(PDF) 85 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 85 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 81Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 82Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 83Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 84Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 85Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 86Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 87Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 88Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 89Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
85
18. OSCILLATOR CIRCUIT
The GMS81C20xx has two oscillation circuits internally.
XIN and XOUT are input and output for main frequency and
SXIN and SXOUT are input and output for sub frequency,
respectively, inverting amplifier which can be configured
for being used as an on-chip oscillator, as shown in Figure
18-1.
Figure 18-1 Oscillation Circuit
Oscillation circuit is designed to be used either with a ce-
ramic resonator or crystal oscillator. Since each crystal and
ceramic resonator have their own characteristics, the user
should consult the crystal manufacturer for appropriate
values of external components.
Oscillation circuit is designed to be used either with a ce-
ramic resonator or crystal oscillator. Since each crystal and
ceramic resonator have their own characteristics, the user
should consult the crystal manufacturer for appropriate
values of external components.
In addition, see Figure 18-2 for the layout of the crystal.
Note: Minimize the wiring length. Do not allow the wiring to
intersect with other signal conductors. Do not allow the wir-
ing to come near changing high current. Set the potential of
the grounding position of the oscillator capacitor to that of
VSS. Do not ground it to any ground pattern where high cur-
rent is present. Do not fetch signals from the oscillator.
Figure 18-2 Layout of Oscillator PCB circuit
XOUT
XIN
VSS
Recommend
C1,C2 = 20pF
C1
C2
XOUT
XIN
External Clock
Open
XOUT
XIN
External Oscillator
RC Oscillator (mask option)
Crystal or Ceramic Oscillator
SXOUT
SXIN
VSS
Recommend
C1,C2 = 100~120pF
C1
C2
32.768KHz
4.19MHz
Crystal Oscillator
Ceramic Resonator
C1,C2 = 30pF
Refer to AC Characteristics
For selection R value,
REXT
XOUT
XIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com