Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C1202A Datasheet(PDF) 76 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 76 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 72Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 73Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 74Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 75Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 76Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 77Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 78Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 79Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 80Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
73
Figure 20-4 Pin Assignment ( HMS1104/2A )
Pin No.
User Mode
EPROM MODE
Pin Name
Pin Name
Description
1
RA4 (AN4)
A_D4
Address Input
Data Input/Output
A12
A4
D4
2
RA5 (AN5)
A_D5
A13
A5
D5
3
RA6 (AN6)
A_D6
A14
A6
D6
4
RA7 (AN7)
A_D7
A15
A7
D7
5
VDD
VDD
Connect to VDD (6.0V)
6
RB0/AN0/AVref
CTL0
Read/Write Control
Address/Data Control
7
RB2/INT0
CTL1
8
RB4/PWM/COMP
CTL2
9
XIN
EPROM Enable
High Active, Latch Address in falling edge
10
XOUT
NC
No connection
11
RESET
VPP
Programming Power (0V, 12.75V)
12
VSS
VSS
Connect to VSS (0V)
13
RA0 (EC0)
A_D0
Address Input
Data Input/Output
A8
A0
D0
14
RA1 (AN1)
A_D1
A9
A1
D1
15
RA2 (AN2)
A_D2
A10
A2
D2
16
RA3 (AN3)
A_D3
A11
A3
D3
Table 20-3 Pin Description in EPROM Mode ( HMS1104/2A )
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VPP
A_D0
A_D1
A_D2
A_D3
EPROM Enable
A_D7
A_D6
A_D5
A_D4
CTL2
CTL1
CTL0
VSS
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com