Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C1202A Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 18Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 19Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 20Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 21Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 22Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 23Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 24Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 25Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
19
7.6 Typical Characteristics
This graphs and tables provided in this section are for de-
sign guidance only and are not tested or guaranteed.
In some graphs or tables the data presented are out-
side specified operating range (e.g. outside specified
VDD range). This is for information only and devices
are guaranteed to operate properly only within the
specified range.
The data presented in this section is a statistical summary
of data collected on units from different lots over a period
of time. “Typical” represents the mean of the distribution
while “max” or “min” represents (mean + 3
σ) and (mean −
3
σ) respectively where σ is standard deviation
Ta= 25
°C
Ta=25
°C
IDD−VDD
4
3
2
1
0
(mA)
IDD
23
45
6
VDD
(V)
Normal Operation (NOP)
8
6
4
2
0
(MHz)
fXIN
23
45
6
VDD
(V)
Operating Area
fXIN = 8MHz
4MHz
10
IWKUP−VDD
2.0
1.5
1.0
0.5
0
(mA)
IDD
23
45
6
VDD
(V)
Wake-up Timer Mode
IRCWDT−VDD
20
15
10
5
0
(
µA)
IDD
23
45
6
VDD
(V)
RC-WDT in Stop Mode
Ta=25
°C
fXIN = 8MHz
4MHz
Ta=25
°C
ISTOP−VDD
2.0
1.5
1.0
0.5
0
(
µA)
IDD
23
45
6
VDD
(V)
STOP Mode
fXIN = 8MHz
-25
°C
85
°C
25
°C
TRCWDT = 180uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com