Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C1202A Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 43Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 44Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 45Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 46Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 47Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 48Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 49Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 50Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
44
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
12.2 16-bit Timer/Counter Mode
The Timer register is being run with 16 bits. A 16-bit timer/
counter register T0, T1 are increased from 0000H until it
matches TDR0, TDR1 and then resets to 0000H. The
match output generates Timer 0 interrupt not Timer 1 in-
terrupt.
The clock source of the Timer 0 is selected either internal
or external clock by bit T0CK2, T0CK1 and T0SL0.
In 16-bit mode, the bits T1CK1,T1CK0 and 16BIT of TM1
should be set to “1” respectively.
Figure 12-5 16-bit Timer / Counter Mode
12.3 8-bit Compare Output (16-bit)
The HMS87C1X0XA has a function of Timer Compare
Output. To pulse out, the timer match can goes to port
pin(COMP0) as shown in Figure 12-2 and Figure 12-5.
Thus, pulse out is generated by the timer match. These op-
eration is implemented to pin, RB4/COMP0/PWM.
This pin output the signal having a 50: 50 duty square
wave, and output frequency is same as below equation.
In this mode, the bit PWMO of RB function register (RB-
FUNC) should be set to “1”, and the bit PWME of timer1
mode register (TM1) should be set to “0”.
In addition, 16-bit Compare output mode is available, also.
12.4 8-bit Capture Mode
The Timer 0 capture mode is set by bit CAP0 of timer
mode register TM0 (bit CAP1 of timer mode register TM1
for Timer 1) as shown in Figure 12-6.
As mentioned above, not only Timer 0 but Timer 1 can also
be used as a capture mode.
The Timer/Counter register is increased in response inter-
nal or external input. This counting function is same with
normal timer mode, and Timer interrupt is generated when
timer register T0 (T1) increases and matches TDR0
(TDR1).
TM0
ADDRESS : D0H
RESET VALUE : --000000
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWME
CAP1
T1CK1
T1CK0
T1CN
T1ST
--
0
XXX
XX
X
10
011
XX
÷ 2
÷ 4
÷ 128
÷ 512
÷ 8
÷ 32
fXIN
EC0
Edge Detector
MUX
1
T1 (8-bit)
TDR1 (8-bit)
T0IF
CLEAR
COMPARATOR
TIMER 0
INTERRUPT
T0 (8-bit)
TDR0 (8-bit)
T0ST
0 : Stop
1 : Start
T0CN
T0CK[2:0]
F/F
COMP0 PIN
÷ 2048
X: The value “0” or “1” corresponding your operation.
f
COMP
Oscillation Frequency
2
Prescaler Value
TDR
1
)
+
(
×
×
--------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com