Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C1202A Datasheet(PDF) 64 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 64 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 60Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 61Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 62Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 63Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 64Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 65Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 66Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 67Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 68Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
61
flows when the input level is stable at the power voltage
level (VDD/VSS), however, when the input level gets high-
er than the power voltage level (by approximately 0.3 to
0.5V), a current begins to flow. Therefore, if cutting off the
output transistor at an I/O port puts the pin signal into the
high-impedance state, a current flow across the ports input
transistor, requiring to fix the level by pull-up or other
means.
Release the STOP mode
The exit from STOP mode is hardware reset or external in-
terrupt. Reset re-defines all the Control registers but does
not change the on-chip RAM. External interrupts allow
both on-chip RAM and Control registers to retain their val-
ues.
After releasing STOP mode, instruction execution is divid-
ed into two ways by I-flag(bit2 of PSW).
If I-flag = 1, the normal interrupt response takes place. If I-
flag = 0, the chip will resume execution starting with the
instruction following the STOP instruction. It will not vec-
tor to interrupt service routine. (refer to Figure 17-1)
When exit from Stop mode by external interrupt, enough
oscillation stabilization time is required to normal opera-
tion. Figure 17-2 shows the timing diagram. When release
the Stop mode, the Basic interval timer is activated on
wake-up. It is increased from 00H until FFH. The count
overflow is set to start normal operation. Therefore, before
STOP instruction, user must be set its relevant prescaler di-
vide ratio to have long enough time (more than 20msec).
This guarantees that oscillator has started and stabilized.
By reset, exit from Stop mode is shown in Figure 17-3.
Minimizing Current Consumption in Stop Mode
The Stop mode is designed to reduce power consumption.
To minimize the current consumption during Stop mode,
the user should turn-off output drivers that are sourcing or
sinking current, if it is practical. Weak pull-ups on port
pins should be turned off, if possible. All inputs should be
either as VSS or at VDD (or as close to rail as possible).
An intermediate voltage on an input pin causes the input
buffer to draw a significant amount of current.
Figure 17-1 STOP Releasing Flow by Interrupts
Figure 17-2 Timing of STOP Mode Release by External Interrupt
IEXX
=0
=1
STOP
INSTRUCTION
STOP Mode
Interrupt Request
STOP Mode Release
I-FLAG
=1
Interrupt Service Routine
Next
INSTRUCTION
=0
Master Interrupt
Enable Bit PSW[2]
Corresponding Interrupt
Enable Bit (IENH, IENL)
STOP Mode
Normal Operation
Oscillator
(XIN pin)
N+1
N
N+2
00
01
FE
FF
00
01
N-1
N-2
Clear Basic Interval Timer
STOP Instruction Execution
Normal Operation
Stabilization Time
tST > 20mS
Internal
Clock
External
Interrupt
BIT
Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com