Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C1202A Datasheet(PDF) 73 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 73 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 69Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 70Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 71Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 72Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 73Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 74Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 75Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 76Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 77Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
70
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
20. OTP PROGRAMMING
The HMS87C130XA is one-time PROM(OTP) microcon-
troller with 4K/2K bytes electrically programmable read
only memory.
To programming the OTP device, user must use the uni-
versal programmer which is support Hynix microcontrol-
lers.
20.1 DEVICE CONFIGURATION AREA
The Device Configuration Area can be programmed or left
unprogrammed to select device configuration such as secu-
rity bit, power on reset, RC-oscillation, PFD level select
and open drain port selection .
This area is not accessible during normal execution but is
readable and writable during program / verify.
Figure 20-1 Device Configuration Area
0 : Allow Code Read Out
1 : Prohibit Code Read Out
SECURITY BIT
0 : PFD Level High (2.4~2.6V)
1 : PFD Level Low (1.6~1.8V)
PFD Level Select
CONFIG
ADDRESS : 707FH
-
-
POREN
OPDR1
OPDR0
LOCK
PFD
RC_OPT
Configuration Register
LEVEL
0 : Normal Oscillator
1 : External RC Oscillator
RC Otion
00 : Normal Port
01 : Open Drain RA0
Open Drain Port Selection
10 : Open Drain RA0/RB2
11 : Open Drain RA0/RB2/RB3/RC0
0 : Power on RESET Disable
1 : Power on RESET Enable
Power on RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com