Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C1202A Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 26Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 27Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 28Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 29Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 30Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 31Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 32Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 33Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
27
8.3 Data Memory
Figure 8-7 shows the internal Data Memory space availa-
ble. Data Memory is divided into two groups, a user RAM
(including Stack) and control registers.
Figure 8-7 Data Memory Map
User Memory
The HMS87C1X0XA has 128
× 8 bits for the user memory
(RAM).
Control Registers
The control registers are used by the CPU and Peripheral
function blocks for controlling the desired operation of the
device. Therefore these registers contain control and status
bits for the interrupt system, the timer/ counters, analog to
digital converters and I/O ports. The control registers are in
address range of 0C0H to 0FFH.
Note that unoccupied addresses may not be implemented
on the chip. Read accesses to these addresses will in gen-
eral return random data, and write accesses will have an in-
determinate effect.
More detailed informations of each register are explained
in each peripheral section.
Note: Write only registers can not be accessed by bit ma-
nipulation instruction. Do not use read-modify-write
instruction. Use byte manipulation instruction.
Example; To write at CKCTLR
LDM
CKCTLR,#09H ;Divide ratio
÷16
USER
MEMORY
CONTROL
REGISTERS
0000H
00BFH
00C0H
00FFH
PAGE0
(including STACK)
007FH
0080H
Address
Symbol
R/W
RESET
Value
Addressing
mode
0C0H
0C1H
0C2H
0C3H
0C4H
0C5H
0C6H
0C7H
0CAH
0CBH
0CCH
RA
RAIO
RB
RBIO
RC
RCIO
RD
RDIO
RAFUNC
RBFUNC
PUPSEL
R/W
W
R/W
W
R/W
W
R/W
W
W
W
W
Undefined
0000_0000
Undefined
0000_0000
Undefined
----_--00
Undefined
----_0000
0000_0000
0000_0000
----_0000
byte, bit1
byte2
byte, bit
byte
byte, bit
byte
byte, bit
byte
byte
byte
byte
0D0H
0D1H
0D1H
0D1H
0D2H
0D3H
0D3H
0D4H
0D4H
0D4H
0D5H
TM0
T0
TDR0
CDR0
TM1
TDR1
T1PPR
T1
CDR1
T1PDR
PWM0HR
R/W
R
W
R
R/W
W
W
R
R
R/W
W
--00_0000
0000_0000
1111_1111
0000_0000
0000_0000
1111_1111
1111_1111
0000_0000
0000_0000
0000_0000
----_0000
byte, bit
byte
byte
byte
byte, bit
byte
byte
byte
byte
byte, bit
byte
0DEH
BUR
W
1111_1111
byte
0E2H
0E3H
0E4H
0E5H
0E6H
0EAH
0EBH
0ECH
0ECH
0EDH
0EDH
0EFH
IENH
IENL
IRQH
IRQL
IEDS
ADCM
ADCR
BITR
CKCTLR
WDTR
WDTR
PFDR
R/W
R/W
R/W
R/W
R/W
R/W
R
R
W
R
W
R/W
0000_----
000-_----
0000_----
000-_----
----_0000
--00_0001
Undefined
0000_0000
-001_0111
0000_0000
0111_1111
----_0100
byte, bit
byte, bit
byte, bit
byte, bit
byte, bit
byte, bit
byte
byte
byte
byte
byte
byte, bit
Table 8-1 Control Registers
1. “byte, bit” means that register can be addressed by not only bit
but byte manipulation instruction.
2. “byte” means that register can be addressed by only byte
manipulation instruction. On the other hand, do not use any
read-modify-write instruction such as bit manipulation for
clearing bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com