Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C1202A Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 29Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 30Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 31Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 32Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 33Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 34Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 35Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 36Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
30
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
8.4 Addressing Mode
The HMS87C1X0XA uses six addressing modes;
• Register addressing
• Immediate addressing
• Direct page addressing
• Absolute addressing
• Indexed addressing
• Register-indirect addressing
(1) Register Addressing
Register addressing accesses the A, X, Y, C and PSW.
(2) Immediate Addressing
→
→
→
→ #imm
In this mode, second byte (operand) is accessed as a data
immediately.
Example:
0435
ADC
#35H
E45535
LDM
35H,#55H
(3) Direct Page Addressing
→
→
→
→ dp
In this mode, a address is specified within direct page.
Example;
C535
LDA
35H
;A
←RAM[35H]
(4) Absolute Addressing
→
→
→
→ !abs
Absolute addressing sets corresponding memory data to
Data, i.e. second byte(Operand I) of command becomes
lower level address and third byte (Operand II) becomes
upper level address.
With 3 bytes command, it is possible to access to whole
memory area.
ADC, AND, CMP, CMPX, CMPY, EOR, LDA, LDX,
LDY, OR, SBC, STA, STX, STY
Example;
0735F0
ADC
!0F035H
;A
←ROM[0F035H]
35
A+35H+C
→ A
04
MEMORY
E4
0F100H
data
← 55H
~
~
~
~
data
0035H
–
35
0F102H
55
0F101H
—
data
35
0035H
0F551H
data
→ A
—
–
~
~
~
~
C5
0F550H
07
0F100H
~
~
~
~
data
0F035H
–
F0
0F102H
35
0F101H
—
A+data+C
→ A
address: 0F035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com