Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 7Page - STMicroelectronics AN4071 Datasheet HTML 8Page - STMicroelectronics AN4071 Datasheet HTML 9Page - STMicroelectronics AN4071 Datasheet HTML 10Page - STMicroelectronics AN4071 Datasheet HTML 11Page - STMicroelectronics AN4071 Datasheet HTML 12Page - STMicroelectronics AN4071 Datasheet HTML 13Page - STMicroelectronics AN4071 Datasheet HTML 14Page - STMicroelectronics AN4071 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN4071
Datasheet parameters
Doc ID 022939 Rev 1
11/27
Equation 2
SVR [dB] = 20
• log (|ΔVCC /ΔVIO| )
Note that, the higher CMMR and SVR are the better.
Measurement
The circuit is the same as the one used for VIO (Figure 10).
1.
CMRR
VIO at low (L) VICM rail and VIO at high (H) VICM rail are measured
then CMRR = 20
• log [(VICM(H) - VICM(L)) / (|VIO(H)-VIO(L)|)]
2.
SVR
VIO at low VCC and VIO at high VCC are measured
then SVR = 20
• log [(VCC(H)- VCC(L)) / (| VIO(H)-VIO(L)|)]
3.4
Voltage gain
Voltage gain AVD indicates the overall device gain. Higher gain means better small input
signal resolving capability which can be an advantage in certain applications. Common
comparators have an AVD in the range of 200 V/mV (106 dB). 1 mV input signal amplified by
106 dB leads to theoretical amplitude of 200 V. In reality, the output signal swing is limited by
VCC. Note that the AVD doesn’t affect external hysteresis as the output is always in high or
low state and never between (unlike an operational amplifier, a comparator is not used in its
linear region).
3.5
Propagation delay
Propagation delay TPD is one of the key parameters for many applications because it limits
the maximal input frequency which can be processed. Voltage comparison of analog signals
requires a minimum amount of time.
TPD is defined as the time difference between the moment the input signal crossing the
reference voltage and the moment the output state changes (usually when the output signal
crosses 50% of VCC, if nothing is specified).
A graphical interpretation is shown in Figure 12 and 13. For TPLH an input square signal
from -100 mV to +VOV, called overdrive voltage and referenced to VICM + VTRIP+, is applied
on the non-inverting input. The inverting input is connected at VICM voltage. Initial signal
condition 100 mV below VICM +VTRIP+ ensures a sufficient saturation for the input stage. For
the falling edge propagation delay measurement (TPHL), the input signal goes from
+100 mV to -VOV referenced to VICM + VTRIP-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com