Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 14Page - STMicroelectronics AN4071 Datasheet HTML 15Page - STMicroelectronics AN4071 Datasheet HTML 16Page - STMicroelectronics AN4071 Datasheet HTML 17Page - STMicroelectronics AN4071 Datasheet HTML 18Page - STMicroelectronics AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Hysteresis
AN4071
18/27
Doc ID 022939 Rev 1
centre of output voltage swing. Otherwise VREF and VTRIP are different and the hysteresis is
not centred on VREF.
For calculating RI, RFB and VREF, two formulas, obtained from Equation 4 and 5, can be
used:
Equation 6
Example of real design of comparator using external hysteresis network:
Task: find resistor values and voltage reference in order to implement 400 mV hysteresis on
1.2 V threshold voltage. Use push-pull comparator TS3021 powered by +5 V source.
Solution: knowing the output voltage level swing and required hysteresis, calculate the
resistor ratio and choose the appropriate resistor (in the range of hundreds of k
Ω). Then,
substituting resistor values and trip point voltage in the second formula, calculate the
reference voltage.
For 5 V output swing and hysteresis 400 mV, the ratio of feedback and input resistor is:
Equation 7
Appropriate resistors are RFB = 300 kΩ and RI= 24 kΩ. The VREF can now be easily
calculated:
Equation 8
Figure 21 shows the final circuit. A reference voltage is generated by the voltage divider
supplied from the +5 V source of the comparator. With resistors 68 k
Ω and 24 kΩ from the
E24 series, the VREF is equal to 1.3 V.
R
FB
R
I
----------
V
OH VOL
–
V
HYST
--------------------------
=
V
REF
R
I
2R
I
R
FB
+
()
•
-------------------------------------
V
OH
V
OL
+
()
R
FB
R
I
R
FB
+
-----------------------
V
TRI P
•
+
•
=
R
FB
R
I
----------
V
OH
V
OL
–
V
HYST
----------------------------
5V
0.4V
------------
12.5
==
=
V
REF
R
1
2R
I
R
FB
+
()
•
-------------------------------------
V
OH
V
OL
+
()
R
FB
R
I
R
FB
+
-----------------------
V
TRIP
•
+
•
=
=
2.4
10
4
•
22.4
10
4
310
5
•
+
•
()
•
----------------------------------------------------------------
5
310
5
•
2.4
10
4
310
5
•
+
•
-------------------------------------------------
1.2
•
+
•
0.185
1.111V
1.296V
=
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com