Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 18Page - STMicroelectronics AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics AN4071 Datasheet HTML 23Page - STMicroelectronics AN4071 Datasheet HTML 24Page - STMicroelectronics AN4071 Datasheet HTML 25Page - STMicroelectronics AN4071 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Relaxation oscillator
AN4071
22/27
Doc ID 022939 Rev 1
5
Relaxation oscillator
A relaxation oscillator belongs to the regenerative circuits group. One subgroup is
multivibrators which are furthermore classified as monostable, bistable and astable. The
relaxation oscillator is an astable multivibrator.
Figure 26.
Relaxation oscillator
The circuit in Figure 26 shows a representative circuit of relaxation oscillator based on the
TS3021 comparator. It uses both positive and negative feedback. Positive feedback
produces voltage hysteresis which has already been described in Section 4.2 Threshold
voltages VLOW (from low to high) and VHIGH (from high to low) on the inverting input are
given by R2, R3 and R4 resistors together with output voltage given by power supply voltage.
Considering zero voltage drop at the output see Equation 9:
Equation 9
VLOW = VCC • R2 | | R4 / (R3 + R2 | | R4) and VHIGH = VCC • R2 / (R2 + R3 | | R4)
For R2 = R3 = R4: VLOW = 1/3 • VCC and VHIGH = 2/3 • VCC
Voltage on the non-inverting input is generated by charging and discharging capacitor C1
from the comparator output via resistor R1 in the feedback:
1.
While C1 is charging: VC1(t) = VCC - (VCC - VLOW) • e
-t/
τ
= VCC - 2/3 • VCC • e
-t/
τ
Capacitor C1 is charged at voltage VHIGH after time t1:
Equation 10
VHIGH = VCC - 2/3 • VCC • e
-t1/
τ
2/3
• VCC = VCC - 2/3 VCC • e-t1/τ
-1/3
• VCC = -2/3 • VCC • e-t1/τ
1 = 2
• e-t1/τ
-t1/τ = ln (1/2)
t1 = τ • ln (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com