Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 16Page - STMicroelectronics AN4071 Datasheet HTML 17Page - STMicroelectronics AN4071 Datasheet HTML 18Page - STMicroelectronics AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics AN4071 Datasheet HTML 23Page - STMicroelectronics AN4071 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Hysteresis
AN4071
20/27
Doc ID 022939 Rev 1
Figure 23.
Device oscillation without CFB capacitor (green OUT, blue IN+), time scale
500 ns/div.
Applying a 22 pF feedback capacitor between the IN+ and OUT pin stops the oscillations, as
shown in Figure 24 and Figure 25. This feedback capacitor creates a peak (~150 mV for
20 ns) on the IN+ pin which securely eliminates the effects of the peak on VIN- coming from
Cparasitic. The feedback capacitor CFB implements a dynamic hysteresis.
Figure 24.
Case with CFB (green OUT, blue IN+), time scale 500 ns/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com