Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 13Page - STMicroelectronics AN4071 Datasheet HTML 14Page - STMicroelectronics AN4071 Datasheet HTML 15Page - STMicroelectronics AN4071 Datasheet HTML 16Page - STMicroelectronics AN4071 Datasheet HTML 17Page - STMicroelectronics AN4071 Datasheet HTML 18Page - STMicroelectronics AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AN4071
Hysteresis
Doc ID 022939 Rev 1
17/27
4.2
External hysteresis
If the device doesn't include built-in hysteresis, or if a large hysteresis is required, a positive
feedback network can be implemented. Figure 19 shows a non-inverting and Figure 20 an
inverting comparator with hysteresis.
Figure 19.
Non-inverting comparator with hysteresis
Figure 20.
Inverting comparator with hysteresis
For a non-inverting comparator circuit, neglecting input offset voltage and the effect of input
biasing current, the input threshold voltages are:
Equation 4
VOL is the saturation voltage in low state and VOH is the saturation voltage in high state at
the comparator output. The VTH+- VTH- difference determines the hysteresis voltage (VHYST)
while their average determines the middle of hysteresis (VTRIP).
Equation 5
In Equation 5 the influence of reference voltage on the trigger voltage level can be seen. The
trip point voltage VTRIP (middle of hysteresis) is equal to the reference voltage VREF only
when the second part of the equation equals zero, it means when VREF is set just to the
V
TH +
R
I
R
FB
----------
V
REF
V
OL
–
() V
REF
+
•
=
V
TH –
R
I
R
FB
----------
V
REF
V
OH
–
() V
REF
+
•
=
V
HYST
V
TH +
V
TH –
–
R
I
R
FB
----------
V
OH
V
OL
–
()
•
==
V
TRIP
V
TH +
V
TH –
+
2
------------------------------------------
V
REF
R
I
R
FB
----------
V
REF
V
OL
V
OH
+
2
----------------------------
–
⎝⎠
⎛⎞
•
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com