Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 15Page - STMicroelectronics AN4071 Datasheet HTML 16Page - STMicroelectronics AN4071 Datasheet HTML 17Page - STMicroelectronics AN4071 Datasheet HTML 18Page - STMicroelectronics AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics AN4071 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AN4071
Hysteresis
Doc ID 022939 Rev 1
19/27
Figure 21.
Hysteresis circuit example
4.3
Dynamical hysteresis, example of oscillation issue and the
solution
Dynamical hysteresis is another way to eliminate parasitic oscillation during the transition
period. When the input signal changes slowly around the reference voltage, an output
oscillation may occur. A small capacitor CFB applied between the output and the non-
inverting pin boosts up the input signal to go over (or below) the reference voltage faster and
in consequence to help reduce oscillations.
The circuit example in Figure 22 shows the usage of the CFB. To induce some output
oscillations (on purpose only), consider the case of the application shown in Figure 22: the
impedance of the 0.9 V reference voltage is too high because of the 6.8 k
Ω resistor. First,
consider the situation without CFB when VIN+ exceeds VIN- and the output toggles to high
state. The fast output edge, together with the parasitic PCB capacity Cparasitic between the
IN- and OUT pin, causes a positive voltage peak to IN-. VIN- now becomes higher than VIN+.
Consequently, the output is returning to low state. The negative peak now goes back to
IN-, VIN- is lower than VIN+ and the output returns to high. This leads to repetitive
oscillations, as shown in Figure 23. The frequency of the oscillations is related to the TPD
of the comparator, here it is ~ 10 MHz (TPD = 50 ns).
Figure 22.
Dynamical hysteresis circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com