Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics AN4071 Datasheet HTML 23Page - STMicroelectronics AN4071 Datasheet HTML 24Page - STMicroelectronics AN4071 Datasheet HTML 25Page - STMicroelectronics AN4071 Datasheet HTML 26Page - STMicroelectronics AN4071 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AN4071
Window comparator
Doc ID 022939 Rev 1
25/27
The TS332 is a dual micropower and low-voltage comparator. It can operate with a supply
voltage ranging from 1.6 to 5.5 V with only 20
μA current consumption per operator. In
addition, rail-to-rail inputs and a temperature range of -40 °C to +125 °C makes it ideal for
a wide range of applications.
With good accuracy about 25 °C, the STLM20 transfer function can be described by the
parabolic transfer function expressed in Equation 12:
Equation 12
VOUT = (-3.88 • 10-6 • T
2) + (-1.15 • 10-2 • T) + 1.8639 [V, °C]
Based on the STLM20 transfer function equation, for the considered temperature range
25
± 10 °C, the minimum output voltage VTH- is obtained at the higher temperature (35 °C)
and equals 1.457 V. The maximum output voltage VTH+ is at the lowest temperature (15 °C)
and equals 1.691 V.
VTH voltages are generated by a voltage divider. 1 μA current through the divider (IDIV) is
a compromise between noise sensitivity and low impact on the supply current of the
application. The resistors in the divider are:
R1 (lower resistor) = VTH- / IDIV = 1.457 MΩ
R2 (middle resistor) = (VTH+ - VTH-) / IDIV = 234 kΩ
R3 (upper resistor) = (VCC - VTH+) / IDIV = 1.009 MΩ
The closest values from the E24 resistor series are: R1 = 1.5 MΩ, R2 = 240 kΩ, R3 = 1 MΩ.
A recalculation of the temperature range can be made with these resistors.
Equation 13
IDIV = VCC/(R1 + R2 + R3) = 2.7 V/(1.5 MΩ + 240 kΩ + 1 MΩ) = 0.985 μA
VTH- = IDIV • R1 = 1.478 V
VTH+ = IDIV • (R1+ R2) = 1.714 V
The temperature can be expressed from the voltage of the STLM20:
Equation 14
After substitution we get: TLOW = 13 °C and THIGH = 33.2 °C.
For better range setting precision, fixed resistors in the voltage divider bridge can be
replaced by variable resistors. Note that, temperature setting depends on the supply
voltage. Thanks to the micro power TS332 comparator, the power current consumption of
the application is typically only 50
μA at 25 °C and max. 74 μA over full temperature range.
T
1481.96
–
2.1962
10
6
1.8639
V
OUT
–
3.88
10
6
–
•
---------------------------------------
+
•° CV
,
()
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com