Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4071 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics AN4071 Datasheet HTML 23Page - STMicroelectronics AN4071 Datasheet HTML 24Page - STMicroelectronics AN4071 Datasheet HTML 25Page - STMicroelectronics AN4071 Datasheet HTML 26Page - STMicroelectronics AN4071 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Window comparator
AN4071
24/27
Doc ID 022939 Rev 1
6
Window comparator
The window comparator is a circuit utilizing two single open drain /collector comparators
operating together. It has three inputs. Two of them are dedicated for reference voltage and
one for signal input. Figure 27 illustrates the function of the window comparator. Output is
high (VOUT = VPULL) when input voltage lies above VTH- and below VTH+, otherwise the
output is low (0 V).
Figure 27.
Window comparator
Figure 28.
Temperature control circuit
An example of the window comparator application represents a simple temperature
controller circuit (Figure 28). Based on the TS332 dual comparator and temperature sensor
STLM20, the circuit monitors if the temperature holds in the required range (25
± ~10 °C).
The STLM20 is a precision analog output temperature sensor for low current applications.
The maximum temperature accuracy of the STLM20 is ± 1.5 °C (typ. ±0.5 °C) at ambient
temperature of 25 °C and VCC of 2.7 V. The STLM20 has a maximum quiescent supply
current of 8
μA, therefore self-heating is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com