Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1635 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 2Page - STMicroelectronics UM1635 Datasheet HTML 3Page - STMicroelectronics UM1635 Datasheet HTML 4Page - STMicroelectronics UM1635 Datasheet HTML 5Page - STMicroelectronics UM1635 Datasheet HTML 6Page - STMicroelectronics UM1635 Datasheet HTML 7Page - STMicroelectronics UM1635 Datasheet HTML 8Page - STMicroelectronics UM1635 Datasheet HTML 9Page - STMicroelectronics UM1635 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Introduction
UM1635
6/42
DocID024604 Rev 2
1
Introduction
1.1
Document overview
This document is the user manual for the Standard Software Driver (SSD) for single C90FL2
Flash module. The roadmap for the document is as follows.
Section 1.2 shows the features of the driver.
Section 2 describes the API specifications. In this section there are many sub sections,
which describe the different aspects of the driver. Section 2.1 provides a general overview of
the driver. Section 2.2 mentions about the type definitions used for the driver. Section 2.3
mentions the driver configuration parameters and Configuration Macros respectively.
Section 2.4 and Section 2.5 describe the CallBack notifications, and return codes used for
the driver. Section 2.6 and Section 2.7 provide the detailed description of normal mode and
special mode standard software Flash Driver APIs’ respectively.
Appendix A: CallBack timings provides the performance indexes. Appendix B: System
requirements details the system requirement for the driver development. Appendix C:
Acronyms lists the acronyms used. Appendix D: Documentation References and lists the
documents referred and terms used in making of this document.
1.2
Features
The C90FL2 SSD provides the following features:
•
Two sets of driver binaries built on Power Architecture instruction set technology and
Variable-Length-Encoding (VLE) instruction set.
•
Drivers released in binary c-array format to provide compiler-independent support for
non-debug-mode embedded applications.
•
Drivers released in s-record format to provide compiler-independent support for debug-
mode/JTAG programming tools.
•
Each driver function is independent of each other so the end user can choose the
function subset to meet their particular needs.
•
Support page-wise programming for fast programming.
•
Position-independent and ROM-able
•
Ready-to-use demos illustrating the usage of the driver
•
Concurrency support via callback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com