| Electronic Components Datasheet Search |
|
UM1635 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1635 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 42 page ![]() API specification UM1635 14/42 DocID024604 Rev 2 Arguments Return values Troubleshooting Table 12. Arguments for BlankCheck() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. dest Destination address to be checked. Any accessible address aligned on double word boundary in main array or shadow row size Size, in bytes, of the Flash region to check. If size = 0, the return value is C90FL_OK. It should be multiple of 8 and its combination with dest should fall in either main array or shadow row. pFailAddress Return the address of the first non-blank Flash location in the checking region Only valid when this function returns C90FL_ERROR_NOT_BLANK. pFailData Return the content of the first non-blank Flash location in the checking region. Only valid when this function returns C90FL_ERROR_NOT_BLANK. CallBack Address of void callback function Any addressable void function address. To disable it, use NULL_CALLBACK macro. Table 13. Return values for BlankCheck() Type Description Possible values UINT32 Successful completion or error value. C90FL_OK C90FL_ERROR_ALIGNMENT C90FL_ERROR_RANGE C90FL_ERROR_NOT_BLANK Table 14. Troubleshooting for BlankCheck() Returned Error Bits Description Solution C90FL_ERROR_ALIGNMENT The dest/size are not properly aligned. Check if dest and size are aligned on double word (64-bit) boundary. C90FL_ERROR_RANGE The area specified by dest and size is out of the valid C90FL2 array ranges. Check dest and dest+size. The area to be checked must be within main array space or shadow space. C90FL_ERROR_NOT_BLANK There is a non-blank double word within the area to be checked. Erase the relevant blocks and check again. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |