Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1635 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 28Page - STMicroelectronics UM1635 Datasheet HTML 29Page - STMicroelectronics UM1635 Datasheet HTML 30Page - STMicroelectronics UM1635 Datasheet HTML 31Page - STMicroelectronics UM1635 Datasheet HTML 32Page - STMicroelectronics UM1635 Datasheet HTML 33Page - STMicroelectronics UM1635 Datasheet HTML 34Page - STMicroelectronics UM1635 Datasheet HTML 35Page - STMicroelectronics UM1635 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
API specification
UM1635
32/42
DocID024604 Rev 2
If no blocks are enabled the C90FL_ERROR_AIC_NO_BLOCK error code is returned.
Depending on the address sequence specified the MISR values are calculated for the
enabled blocks using the corresponding sequence. If the MISR values calculated by the
hardware is not the same as the values passed to this API by the user then the API returns
the error code C90FL_ERROR_AIC_MISMATCH.
Assumptions
It assumes that the Flash block is initialized using the ‘FlashInit()’ API.
2.7.2
FlashECCLogicCheck()
Description
This function checks the ECC logic of the Flash. The API simulates a single or double bit
fault depending on the user input. If the simulated ECC error is not detected, then the error
code C90FL_ERROR_ECC_LOGIC is returned.
Prototype
UINT32 FlashECCCLogicCheck (PSSD_CONFIG pSSDConfig,
UINT64 dataVal,
UINT64 errBits,
UINT32 eccValue);
Arguments
Table 49. Bit allocation for blocks in middle address space
MSB
LSB
bit 31
…
bit 4
bit 3
bit 2
bit 1
bit 0
reserved
…
reserved
reserved
reserved
block 1
block 0
Table 50. Bit allocation for blocks in high address space
MSB
LSB
bit 31
…
bit 6
bit 5
bit 4
…
bit 1
bit 0
reserved
…
reserved
block 5
block 4
…
Block 1
Block 0
Table 51. Arguments for FlashECCLogicCheck()
Argument
Description
Range
pSSDConfig
Pointer to the SSD Configuration
Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
dataValue
The 64 bits of data for which the ECC is
calculated. The bits of dataValue are
flipped to generate single or double bit
faults.
Any 64-bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com