| Electronic Components Datasheet Search |
|
UM1635 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1635 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 42 page ![]() DocID024604 Rev 2 25/42 UM1635 API specification determines the final lock status for that block. For high address space there is only one block lock level. The output parameter blkLockState returns a bit-mapped value indicating the block lock status of the specified locking level and address space. A main array block or shadow row is locked from program/erase if its corresponding bit is set. The indicated address space determines the valid bits of blkLockState. The following diagrams show the block bitmap definitions of blkLockState for shadow/Low/Mid/High address spaces. For low address space valid bits are from bit 0 to bit (lowBlockNum – 1). In which, lowBlockNum is the number of low blocks returned from FlashInit(); For middle address space valid bits are from bit 0 and bit (midBlockNum – 1). In which, midBlockNum is the number of middle blocks returned from FlashInit(); For high address space valid bits are from bit 0 to bit (highBlockNum – 1). In which, highBlockNum is the number of high blocks returned from FlashInit(); For shadow row valid bit is bit 0; For example, below are bit allocations for blocks in Low/Mid/High Address Space of SPC56ELx: blkLockState Bit Allocation for Shadow Address Space: Table 35. blkLockState bit allocation for shadow address space MSB LSB bit 31 … bit 1 bit 0 reserved … reserved shadow row Table 36. blkLockState bit allocation for low address space MSB LSB bit 31 … bit 10 bit 9 bit 8 … bit 1 bit 0 reserved … reserved block 9 block 8 … block 1 block 0 Table 37. blkLockState bit allocation for mid address space MSB LSB bit 31 … bit 4 bit 3 bit 2 bit 1 bit 0 reserved … reserved reserved reserved block 1 block 0 Table 38. blkLockState bit allocation for high address space MSB LSB bit 31 … bit 6 bit 5 bit 4 … bit 1 bit 0 reserved … reserved block 5 block 4 … block 1 block 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |