| Electronic Components Datasheet Search |
|
UM1635 Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1635 Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 42 page ![]() API specification UM1635 8/42 DocID024604 Rev 2 The type definition for the structure is given below. typedef struct _ssd_config { UINT32 c90flRegBase; UINT32 mainArrayBase; UINT32 mainArraySize; UINT32 shadowRowBase; UINT32 shadowRowSize; UINT32 lowBlockNum; UINT32 midBlockNum; UINT32 highBlockNum; UINT32 pageSize; UINT32 BDMEnable; } SSD_CONFIG, *PSSD_CONFIG; Note: The macro value COMPILER_SELECT should be set to CODE_WARRIOR – if CodeWarrior compiler is used for compiling DIAB_COMPILER – if Diab compiler is used for compiling 2.4 Callback notification The Standard Software Driver facilitates the user to supply a pointer to ‘CallBack()’ function so that time-critical events can be serviced during C90FL2 Standard Software driver operations. Servicing watchdog timers is one such time critical event. If it is not necessary to provide the CallBack service, the user is able to disable it by a NULL function macro. #define NULL_CALLBACK ((void *) 0xFFFFFFFF) The job processing callback notifications shall have no parameters and no return value. Table 2. SSD configuration structure field definition Parameter name Type Parameter description c90flRegBase UINT32 The base address of C90FL2 and BIU control registers. mainArrayBase UINT32 The base address of Flash main array. mainArraySize UINT32 The size of Flash main array in byte. shadowRowBase UINT32 The base address of shadow row shadowRowSize UINT32 The size of shadow row in byte. lowBlockNum UINT32 Block number of the low address space. midBlockNum UINT32 Block number of the mid address space. highBlockNum UINT32 Block number of the high address space. pageSize UINT32 The page size of the C90FL2 Flash BDMEnable UINT32 Defines the state of background debug mode (enable /disable) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |