| Electronic Components Datasheet Search |
|
UM1635 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1635 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 42 page ![]() API specification UM1635 30/42 DocID024604 Rev 2 Arguments Return values Table 45. Arguments for FlashArrayIntegrityCheck() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. lowEnabledBlocks To select the array blocks in low address space for erasing. Bit-mapped value. Select the block in the low address space whose array integrity is to be evaluated by setting 1 to the appropriate bit of lowEnabledBlocks. If there is not any block to be evaluated in the low address space, lowEnabledBlocks must be set to 0. midEnabledBlocks To select the array blocks in mid address space for erasing. Bit-mapped value. Select the block in the middle address space whose array integrity is to be evaluated by setting 1 to the appropriate bit of midEnabledBlocks. If there is not any block to be evaluated in the middle address space, midEnabledBlocks must be set to 0. highEnabledBlocks To select the array blocks in high address space for erasing. Bit-mapped value. Select the block in the high address space whose array integrity is to be evaluated by setting 1 to the appropriate bit of highEnabledBlocks. If there is not any block to be evaluated in the high address space, highEnabledBlocks must be set to 0. addrSeq To determine the address sequence to be used during array integrity checks. The default sequence (addrSeq = 0 (C90FL_ABF_SEQ)) is meant to replicate sequences normal “user” code follows, and thoroughly check the read propagation paths. This sequence is proprietary. The alternative sequence (addrSeq = 1 (C90FL_LOG_SEQ)) is just logically sequential. It should be noted that the time to run a sequential sequence is significantly shorter than the time to run the proprietary sequence. misrValue A structure variable containing the MISR values calculated by the user using the offline MISR generation tool. The individual MISR words can range from 0x00000000 - 0xFFFFFFFF CallBack Address of void call back function pointer. Any addressable void function address. To disable it use NULL_CALLBACK macro. Table 46. Return values for FlashArrayIntegrityCheck() Type Description Possible values UINT32 Successful completion or error value. C90FL_OK C90FL_ERROR_AIC_MISMATCH C90FL_ERROR_AIC_NO_BLOCK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |