| Electronic Components Datasheet Search |
|
UM1635 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1635 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 42 page ![]() DocID024604 Rev 2 35/42 UM1635 API specification Return values Troubleshooting The trouble shooting given here comprises of hardware errors and input parameter error. Comments The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped arguments that are used to select the blocks to be evaluated in the Low/Mid/High address spaces of main array. The selection of the blocks of the main array is determined by setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or highEnabledBlocks. The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to block 1, etc. The following diagrams show the formats of lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks for the C90FL2 module. For low address space valid bits are from bit 0 to bit (lowBlockNum – 1). In which, lowBlockNum is the number of low blocks returned from FlashInit(); For middle address space valid bits are from bit 0 and bit (midBlockNum – 1). In which, midBlockNum is the number of middle blocks returned from FlashInit(); For high address space valid bits are from bit 0 to bit (highBlockNum – 1). In which, highBlockNum is the number of high blocks returned from FlashInit(); For example, below are bit allocations for blocks in Low/Mid/High Address Space of SPC56ELx : Bit Allocation for Blocks in Low Address Space: Table 55. Return values for FactoryMarginReadCheck() Type Description Possible values UINT32 Successful completion or error value. C90FL_OK C90FL_ERROR_FMR_MISMATCH C90FL_ERROR_FMR_NO_BLOCK Table 56. Troubleshooting for FactoryMarginReadCheck() Returned error bits Possible causes Solution C90FL_ERROR_FMR_MIS MATCH The MISR value calculated by the user is incorrect. Re-calculate the MISR values using the correct Data and address. The MISR calculated by the Hardware is incorrect. Hardware Error. C90FL_ERROR_FMR_NO_ BLOCK None of the Blocks are enabled for Factory Margin Read Check Enable any of the blocks using variables lowEnabledBlocks, midEnabledBlocks and highEnabledBlock. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |