Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1635 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 24Page - STMicroelectronics UM1635 Datasheet HTML 25Page - STMicroelectronics UM1635 Datasheet HTML 26Page - STMicroelectronics UM1635 Datasheet HTML 27Page - STMicroelectronics UM1635 Datasheet HTML 28Page - STMicroelectronics UM1635 Datasheet HTML 29Page - STMicroelectronics UM1635 Datasheet HTML 30Page - STMicroelectronics UM1635 Datasheet HTML 31Page - STMicroelectronics UM1635 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
API specification
UM1635
28/42
DocID024604 Rev 2
Arguments
Return values
Table 42. Arguments for FlashDepletionRecover()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent. Please refer
to Section 2.3 for more details.
shadowFlag
Indicate either the main array
or the shadow row to be
recovered.
TRUE: the shadow row is recovered. The lowEnabledBlocks,
midEnabledBlocks and highEnabledBlocks are ignored;
FALSE: The main array is recovered. Which blocks are
erased in low, mid and high address spaces are specified by
lowEnabledBlocks, midEnabledBlocks and
highEnabledBlocks respectively.
lowEnabledBlocks
To select the array blocks in
low address space for
recovering.
Bit-mapped value. Select the block in the low address space
to be erased by setting 1 to the appropriate bit of
lowEnabledBlocks. If there is not any block to be recovered
in the low address space, lowEnabledBlocks must be set to
0.
midEnabledBlocks
To select the array blocks in
mid address space for
recovering.
Bit-mapped value. Select the block in the middle address
space to be recovered by setting 1 to the appropriate bit of
midEnabledBlocks. If there is not any block to be recovered
in the middle address space, midEnabledBlocks must be set
to 0.
highEnabledBlocks
To select the array blocks in
high address space for
recovering.
Bit-mapped value. Select the block in the high address space
to be recovered by setting 1 to the appropriate bit of
highEnabledBlocks. If there is not any block to be recovered
in the high address space, highEnabledBlocks must be set to
0.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it, use
NULL_CALLBACK macro.
Table 43. Return values for FlashDepletionRecover ()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_BUSY
C90FL_ERROR_EGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com