Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 55Page - STMicroelectronics AN3959 Datasheet HTML 56Page - STMicroelectronics AN3959 Datasheet HTML 57Page - STMicroelectronics AN3959 Datasheet HTML 58Page - STMicroelectronics AN3959 Datasheet HTML 59Page - STMicroelectronics AN3959 Datasheet HTML 60Page - STMicroelectronics AN3959 Datasheet HTML 61Page - STMicroelectronics AN3959 Datasheet HTML 62Page - STMicroelectronics AN3959 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
AN3959
Examples of code (TV SoC)
Doc ID 022081 Rev 3
59/65
I2C_buf1+=(FilterlinkFlag<<4);
I2Cm_Tx(&I2C_buf1,FFX_CONFIGURE_D,1,FFX_I2C_ADDR);
}
/*
Set the FFX PostScale Link or not
PostscalelinkFlag=0;each channel use the own filter
PostscalelinkFlag=1;each channel's filter setting same as
channel1's
*/
void STA381BWX_PostscaleLink(unsigned char PostscalelinkFlag)
{
I2Cm_Rx(&I2C_buf1,FFX_CONFIGURE_D,1,FFX_I2C_ADDR);
I2C_buf1&=0xF7;
I2C_buf1+=(PostscalelinkFlag<<3);
I2Cm_Tx(&I2C_buf1,FFX_CONFIGURE_D,1,FFX_I2C_ADDR);
}
void STA381BWX_Bass(unsigned char basssetting)
{
basssetting=basssetting+1;
I2Cm_Rx(&I2C_buf1,FFX_TONEBASS,1,FFX_I2C_ADDR);
I2C_buf1&=0xF0;
I2C_buf1+=basssetting;
I2Cm_Tx(&I2C_buf1,FFX_TONEBASS,1,FFX_I2C_ADDR);
}
/*
Set the FFX Treble value, 2dB every step
treblesetting=0=-12dV
treblesetting=12=+12dB
*/
void STA381BWX_Treble(unsigned char treblesetting)
{
treblesetting=treblesetting+1;
I2Cm_Rx(&I2C_buf1,FFX_TONEBASS,1,FFX_I2C_ADDR);
I2C_buf1&=0x0F;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com