Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 38Page - STMicroelectronics AN3959 Datasheet HTML 39Page - STMicroelectronics AN3959 Datasheet HTML 40Page - STMicroelectronics AN3959 Datasheet HTML 41Page - STMicroelectronics AN3959 Datasheet HTML 42Page - STMicroelectronics AN3959 Datasheet HTML 43Page - STMicroelectronics AN3959 Datasheet HTML 44Page - STMicroelectronics AN3959 Datasheet HTML 45Page - STMicroelectronics AN3959 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Software setup to use the STA381BW/STA381BWS devices (ST Map)
AN3959
42/65
Doc ID 022081 Rev 3
7.2.3
Example settings of the STCompressor
Band splitter:
●
Biquad 0, biquad 1 of band 0: low-pass filter with Fc = 200 Hz
Write in RAM the following values.
BQ0 band 0:
0x40
→0x000059
0x41
→0x000059
0x42
→0x1FB47A
0x43
→0xE095A7
0x44
→0x000002
BQ1 band0
0x45
→0x000059
0x46
→0x000059
0x47
→0x1FB47A
0x48
→0xE095A7
0x49
→0x000002
●
Biquad 0, biquad 1 of band 1: high pass filter with Fc = 200 Hz
Write in RAM the following values.
BQ0 band 1:
0x4A
→0xE04B2D
0x4B
→0x1FB4D3
0x4C
→0x1FB47A
0x4D
→0xE095A7
0x4E
→0x0FDA69
BQ1 band 1:
0x4F
→0xE04B2D
0x50
→0x1FB4D3
0x51
→0x1FB47A
0x52
→0xE095A7
0x53
→0x0FDA69
Limiter threshold = +2 dB
●
Coefficient value = HEX (+2/26*)223 = 0x040000
●
Write in RAM:
0x56
→0x040000
0x60
→0x040000
Compression threshold= -2 dB
●
Coefficient value = HEX [224 - (2/26) * 223] = HEX (16515072) = 0xFC0000
●
Write in RAM:
0x58
→0xFC0000
0x62
→0xFC0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com