Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 20Page - STMicroelectronics AN3959 Datasheet HTML 21Page - STMicroelectronics AN3959 Datasheet HTML 22Page - STMicroelectronics AN3959 Datasheet HTML 23Page - STMicroelectronics AN3959 Datasheet HTML 24Page - STMicroelectronics AN3959 Datasheet HTML 25Page - STMicroelectronics AN3959 Datasheet HTML 26Page - STMicroelectronics AN3959 Datasheet HTML 27Page - STMicroelectronics AN3959 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Analog section test results
AN3959
24/65
Doc ID 022081 Rev 3
4
Analog section test results
The line/headphone out can be fed either with an external analog source, or with the F3X
output, allowing the audio content to come from the digital interface on both the power
output and on the line/headphone out.
Table 2.
Test conditions
Conditions
Input
Output
J15, J16 short-circuit & SW2, SW3 switch to HPOUT
STA381BWS F3X
F3X HP OUT
J15, J16 short-circuit & SW2, SW3 switch to LINEOUT
STA381BWS F3X
LINE OUT
J15, J16 open circuit & SW2, SW3 switch to HPOUT
LINE IN
F3X HP OUT
J15, J16 open circuit & SW2, SW3 switch to LINEOUT
LINE IN
LINE OUT
Table 3.
Headphone section test results
Filter: 22K LPF
Ext. Res: 18K + 43K
Headphone
Unit
Spec.
Test results
Reference
mVrms
75 mVrms reference
Maximum output level
mVrms
540 mVrms(10 mW)
542 mV
548 mV
Left
Right
H/P frequency response
-3 dB
↑, +0.5 dB 30 Hz
~20 kHz
-0.4 ~ -0.28
Left
Right
H/P THD+N vs. frequency
dBr
-57
77
77
Left
Right
H/P THD+N vs. level
dBr
-57
77
77
Left
Right
H/P signal-to-noise (20-bit)
dBr
-60
78
78
Left
Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com